Part Number Hot Search : 
15N12 15KE110A 82S147AN R3AS10M SM1400AP TC7S08F 15KE110A 10030
Product Description
Full Text Search
 

To Download EM611FU8GT-45LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM641FT8
Document Title
512K x8 bit Low Power Full CMOS Static RAM
Low Power, 512Kx8 SRAM
Revision History
Revision No.
0.0 0.1
History
Initial Draft 0.1 Revision IDR Current from 1.5uA to 7uA tOE from 25nsec to 30nsec with 55ns part
Draft Date
Nov. 20, 2007 Dec. 5, 2007
Remark
Preliminary
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
Emerging Memory & Logic Solutions Inc.
Zip Code : 690-719
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your questions about device. If you have any questions, please contact the EMLSI office. 1
EM641FT8
512K x8 Bit Low Power CMOS Static RAM
FEATURES - Very high speed : 45ns - Process Technology : 0.15um Full CMOS - Organization : 512K x8 - Power Supply Voltage => EM641FT8V : 4.5V~5.5V - Low Data Retention Voltage :1.5V (MIN) - Three state output and TTL Compatible - Packaged product designed for 45/55/70ns - KGD based on SOP package structure
Low Power, 512Kx8 SRAM
GENERAL PHYSICAL SPECIFICATIONS - Backside die surface of polished bare silicon - Typical Die Thickness = 725um +/-15um - Typical top-level metallization : => Metal (Ti/AlCu/TiN/ARC SiON/SiO2) : 5.2K Angstroms - Topside Passivation : => Passivation (HDP/pNIT/PIQ) : 5.4K Angstroms - Typical Pad Size : 76.0um x 80.0um - Wafer diameter : 8 inch
FUNCTIONAL BLOCK DIAGRAM
Pre-charge Circuit
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10
VCC VSS
Row Select
Memory Array 512K x 8
I/O0 ~ I/O7
Data Cont
I/O Circuit Column Select
A11 A12 A13 A14 A15 A16 A17 A18
WE OE CS
Control Logic
Name CS OE WE A0~A18 I/O0~I/O7
Function Chip select input Output Enable input Write Enable input Address Inputs Data Inputs/Outputs
Name VCC VSS
Function Power Supply Ground
2
EM641FT8
ABSOLUTE MAXIMUM RATINGS Parameter
Voltage on Any Pin Relative to VSS Voltage on Vcc supply relative to VSS Power Dissipation Operating Temperature
Low Power, 512Kx8 SRAM
Symbol
VIN, VOUT VCC PD TA
Minimum
-0.5 to 6.0V -0.5 to 6.0V 1.0 -40 to 85
Unit
V V W
o
C
Note : Stresses greater than those listed above "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FUNCTIONAL DESCRIPTION
CS H L L L OE X L X H WE X H L H I/O0-7 High-Z Data Out Data In High-Z Mode Deselected/ Power down Read Write Selected, Output Disabled Power Stand by Active Active Active
Note : X means don't care. (Must be low or high state)
3
EM641FT8
RECOMMENDED DC OPERATING CONDITIONS 1)
Parameter Supply voltage Ground Input high voltage Input low voltage Symbol VCC
2)
Low Power, 512Kx8 SRAM
Min 4.5 0 2.2 -0.54)
Typ 0 -
Max 5.5 0 VCC + 0.53) 0.6
Unit V V V V
VSS VIH VIL
Notes : 1. TA= -40 to 85oC, otherwise specified 2. Overshoot: VCC +1.0 V in case of pulse width < 20ns 3. Undershoot: -1.0 V in case of pulse width < 20ns 4. Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE (f =1MHz, TA=25oC)
Item Input capacitance Input/Ouput capacitance
Note : Capacitance is sampled, not 100% tested.
Symbol CIN CIO
Test Condition VIN=0V VIO=0V
Min -
Max 8 10
Unit pF pF
DC ELECTRICAL CHARACTERISTICS (TA = -40oC to +85oC)
Parameter Input leakage current Output leakage current Operating power supply Symbol ILI ILO ICC ICC1 Average operating current
VIN=VSS to VCC CS=VIH or OE=VIH or WE=VIL VIO=VSS to VCC IIO=0mA, CS=VIL, VIN=VIH or VIL Cycle time=1s, 100% duty, IIO=0mA, CS<0.2V, VIN<0.2V or VIN>VCC-0.2V Cycle time = Min, IIO=0mA, 100% duty, CS=VIL, VIN=VIL or VIH IOL = 2.1mA IOH = -1.0mA CS=VIH, Other inputs=VIH or VIL CS>VCC-0.2V Other inputs = 0~VCC (Typ. condition : VCC=5V @ 25oC) (Max. condition : VCC=5.5V @ 85oC) 45ns 55ns 70ns
Test Conditions
Min
-1 -1 2.4 -
Typ
-
Max
1 1 5 7 65 55 45 0.4 1
Unit
uA uA mA mA
ICC2 VOL VOH ISB
mA
Output low voltage Output high voltage Standby Current (TTL)
V V mA
Standby Current (CMOS)
ISB1
LF
-
1.51)
20
uA
NOTES : 1.Typical values are measured at Vcc=5V, TA=25oC and not 100% tested.
4
EM641FT8
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0V to VCC Input Rise and Fall Time : 1V/ns Input and Output reference Voltage : 0.5VCC Output Load (See right) : CL1) = 100pF + 1 TTL (70ns) CL1) = 30pF + 1 TTL (45ns/55ns)
Notes : 1. Including scope and Jig capacitance 2. R1 = 1800 ohm, R2 = 990 ohm 3. VTM = VCC 4. CL = 5pF + 1 TTL (measurement with tLZ, tOLZ, tHZ, tOHZ, tWHZ)
Low Power, 512Kx8 SRAM
VTM3) R12)
Output CL1) R22)
READ CYCLE (Vcc = 4.5V to 5.5V, GND = 0V, TA = -40oC to +85oC)
Parameter
Read cycle time Address access time Chip select to output Output enable to valid output Chip select to low-Z output Output enable to low-Z output Chip disable to high-Z output Output disable to high-Z output Output hold from address change
Symbol
tRC tAA tCO tOE tLZ tOLZ tHZ tOHZ tOH
45ns Min 45 10 5 0 0 10 Max 45 45 25 20 15 Min 55 10 5 0 0 10
55ns Max 55 55 30 20 20 Min 70 10 5 0 0 10
70ns Max 70 70 35 25 25 -
Unit
ns ns ns ns ns ns ns ns ns
WRITE CYCLE (Vcc = 4.5V to 5.5V, GND = 0V, TA = -40oC to +85oC)
Parameter
Write cycle time Chip select to end of write Address setup time Address valid to end of write Write pulse width Write recovery time Write to ouput high-Z Data to write time overlap Data hold from write time End of write to output low-Z
Symbol
tWC tCW tAS tAW tWP tWR tWHZ tDW tDH tOW
45ns Min 45 45 0 45 35 0 0 25 0 5 Max 15 Min 55 45 0 45 40 0 0 25 0 5
55ns Max 20 Min 70 60 0 60 50 0 0 30 0 5
70ns Max 20
Unit
ns ns ns ns ns ns ns ns
-
ns ns
5
EM641FT8
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Transition Controlled)
Low Power, 512Kx8 SRAM
tRC Address tAA tOH Data Out
Previous Data Valid
Data Valid
TIMING WAVEFORM OF READ CYCLE(2) (OE Controlled)
tRC Address tAA CS tOE OE tOLZ Data Out High-Z tLZ
Data Valid
tCO
tOH tHZ
tOHZ High-Z
NOTES (READ CYCLE) 1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection.
6
EM641FT8
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled, OE High During WRITE)
tWC Address tCW2) CS tAW tWP1) WE tAS3) OE Data in High-Z tOHZ tDW
Data Valid
Low Power, 512Kx8 SRAM
tWR4)
tDH High-Z tOW
Data out
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
tWC Address tAS3) CS tAW tWP1) WE tDW Data in High-Z
Data Valid
tCW2)
tWR4)
tDH
Data out
High-Z
7
EM641FT8
TIMING WAVEFORM OF WRITE CYCLE(3) (WE Controlled, OE LOW)
Low Power, 512Kx8 SRAM
tWC Address tCW2) CS tAW tAS3) WE tDW Data in High-Z tWHZ Data out
Data Undefined Data Valid
tWR4)
tWP1) tDH High-Z
NOTES (WRITE CYCLE) 1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins at the latest transition among CS goes low and WE goes low. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the CS going low to end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
8
EM641FT8
DATA RETENTION CHARACTERISTICS
Parameter
VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time

Low Power, 512Kx8 SRAM
Symbol
VDR IDR tSDR tRDR
Test Condition
ISB1 Test Condition (Chip Disabled) 1) ISB1 Test Condition (Chip Disabled) 1) See data retention wave form
Min
1.5 0 tRC
Typ2)
1 -
Max
7 -
Unit
V A ns
NOTES 1. See the ISB1 measurement condition of data sheet page 4. 2. Typical value is measured at TA=25oC and not 100% tested.
DATA RETENTION WAVE FORM
tSDR Vcc 5V
Data Retention Mode
tRDR
2.2V
VDR CS GND
VDR
1.5V
CS > Vcc-0.2V
9
EM641FT8
SRAM PART CODING SYSTEM
Low Power, 512Kx8 SRAM
EM X XX X X X XX X X - XX XX
1. EMLSI Memory 2. Product Type 3. Density 4. Function 5. Technology 6. Operating Voltage
1. Memory Component EM --------------------- Memory 2. Product Type 6 ------------------------ SRAM 3. Density 1 ------------------------- 1M 2 ------------------------- 2M 4 ------------------------- 4M 8 ------------------------- 8M 4. Function 0 ----------------------- Dual CS 1 ----------------------- Single CS 2 ----------------------- Multiplexed 3 ------------- Single CS / LBB, UBB(tBA=tOE) 4 ------------- Single CS / LBB, UBB(tBA=tCO) 5 ------------- Dual CS / LBB, UBB(tBA=tOE) 6 ------------- Dual CS / LBB, UBB(tBA=tCO) 5. Technology F ------------------------- Full CMOS 6. Operating Voltage T ------------------------- 5.0V V ------------------------- 3.3V U ------------------------- 3.0V S ------------------------- 2.5V R ------------------------- 2.0V P ------------------------- 1.8V
11. Power 10. Speed
9. Package 8. Generation 7. Organization
7. Organization 8 ---------------------- x8 bit 16 ---------------------- x16 bit 8. Generation Blank ----------------A ----------------------B ----------------------C ----------------------D ----------------------E ----------------------F ----------------------G ---------------------1st generation 2nd generation 3rd generation 4th generation 5th generation 6th generation 7th generation 8th generation
9. Package Blank ---------------- KGD, 48&36FpBGA S ---------------------- 32 sTSOP1 T ---------------------- 32 TSOP1 U ---------------------- 44 TSOP2 V --------------------- 32 SOP 10. Speed 45 ---------------------55 ---------------------70 ---------------------85 ---------------------10 ---------------------12 ---------------------45ns 55ns 70ns 85ns 100ns 120ns
11. Power LL ---------------------- Low Low Power LF ---------------------- Low Low Power(Pb-Free & Green) L ---------------------- Low Power S ---------------------- Standard Power
10


▲Up To Search▲   

 
Price & Availability of EM611FU8GT-45LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X